PART |
Description |
Maker |
IRL1104S |
Logic-Level Gate Drive
|
International Rectifier
|
AUIRLR014NTR AUIRLR014NTRR AUIRLR014NTRL |
Advanced Planar Technology Logic-Level Gate Drive
|
International Rectifier
|
IRLR024NTRPBF IRLR024NPBF IRLR024NPBF-15 |
Advanced Process Technology Logic-Level Gate Drive
|
International Rectifier
|
IRL3705NSTRLPBF IRL3705NSPBF IRL3705NSPBF-15 |
Logic-Level Gate Drive ADVANCED PROCESS TECHNOLOGY
|
International Rectifier
|
M74VHC1GT32DFT1G MC74VHC1GT1407 MC74VHC1GT3207 MC7 |
2−Input OR Gate/CMOS Logic Level Shifter Schmitt?Trigger Inverter / CMOS Logic Level Shifter LSTTL?Compatible Inputs 2?Input OR Gate/CMOS Logic Level Shifter
|
ONSEMI[ON Semiconductor]
|
MAC99706 MAC997B8RLRP MAC997 MAC997A6 MAC997A6RL1 |
400 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ONSEMI[ON Semiconductor]
|
BT136M-500 BT136M-500F BT136M-500G BT136M-600 BT13 |
Triacs 双向可控 Octal Registered Transceivers with 3-State Outputs 24-SSOP/QSOP -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs(双向可控 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Octal Registered Transceivers with 3-State Outputs 24-SSOP/QSOP -40 to 85 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 DIODE ZENER DUAL COMMON-ANODE 300mW 8.2Vz 5mA-Izt 0.05 0.1uA-Ir 6 SOT-23 3K/REEL RECTIFIER SCHOTTKY SINGLE 0.5A 20V 5.5A-Ifsm 0.385Vf 0.25A-IR SOD-123 3K/REEL Octal Registered Transceivers with 3-State Outputs 24-SOIC -40 to 85 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MC74VHC1GT00 MC74VHC1GT00-D MC74VHC1GT00DF1G MC74V |
Single 2 Input NAND Gate TTL level Single 2-Input NAND Gate/ CMOS Logic Level Shifter with LSTTL - Compatible Inputs
|
ON Semiconductor
|
BT137X-600F BT137X-800 BT137X BT137X-800E BT137X-8 |
DIODE ZENER SINGLE 150mW 7.5Vz 5mA-Izt 0.0604 1uA-Ir 5 SOT-523 3K/REEL 500 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC Octal Buffers and Line Drivers with 3-State Outputs 20-LCCC -55 to 125 Triacs logic level Triacs sensitive gate TRIAC|600VV(DRM)|8AI(T)RMS|SOT-186A
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MC74VHC1GT02 |
2-Input NOR Gate / CMOS Logic Level Shifter
|
ETL
|
HD74LV1GT02A HD74LV1GT02ACME HD74LV1GT02AVSE |
2-input NOR Gate / CMOS Logic Level Shifter
|
Renesas Electronics Corporation
|